PART |
Description |
Maker |
5962R9661201VXC |
5-Pin, Multiple-Input, Programmable Reset ICs 利率乘数
|
PHOENIX CONTACT Deutschland GmbH
|
2MBI50J060 |
5-Pin, Multiple-Input, Programmable Reset ICs 晶体管| IGBT功率模块|半桥| 600V的五(巴西)国际消费电子展| 50A条一(c
|
Fuji Electric Holdings Co., Ltd.
|
MAX630508 MAX6305UK00D-T MAX6305EUK00D-T MAX6306UK |
5-Pin, Multiple-Input, Programmable Reset ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
5D12.085 28S5.2000 |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs
|
Jameco Electronics
|
2BZX84C4V7 2BZX84C4V3 2BZX84C3V3 2BZX84C39 2BZX84C |
Replacement with:AZ23C4V3 5-Pin, Multiple-Input, Programmable Reset ICs 置换:AZ23C3V3 Replacement with:AZ23C39 Replacement with:AZ23C12
|
Honeywell International, Inc.
|
M88 M88T M88131W-15K1T M88131W-15K6T M88131W-15T1T |
DATA BRIEFING - IN-SYSTEM PROGRAMMABLE (ISP) MULTIPLE-MEMORY In-System Programmable (ISP) Multiple-Memory and Logic FLASH PSD Systems (with CPLD) for MCUs 256K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQCC52 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 256K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 IPI CAMBION CONNECTOR 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 Solder Terminal; Pin Length:0.594"; Contact Plating:Electro Solder; Leaded Process Compatible:No; Mounting Type:Threaded; Peak Reflow Compatible (260 C):No RoHS Compliant: No 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 CONN PCB 26PIN TIN I/O Module; Signal Input Type:3 to 8VDC; Number of Outputs:1; Number of Analog Inputs:1; Number of Analog Outputs:1; Input Current Max:27mA; Input Current Min:10mA; Operating Voltage Max:6V; Operating Voltage Min:2.5V RoHS Compliant: Yes RELAY, SOLID STATE 3A 240V CONNECTOR DIP 16 PIN TIN IDC CONNECTOR DIP 24 PIN TIN IDC OSCILLATORS 50PPM -40 85 3.3V 4 40.960MHZ HCMOS 10% 5X7MM 6PAD SMD OSCILLATORS -40 85 3.3V 4 35.328MHZ HCMOS 10% 5X7MM 6PAD SMD OSCILLATORS 0 70 5.0V 4 74.250MHZ HCMOS/TTL 10% 5X7MM 6PAD SMD
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
2N1551A 2N2291 2N2295 2N2288 2N2296 2N1032A 2N1031 |
68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-41 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 40V的五(巴西)总裁|5A一(c)|1
|
Central Semiconductor, Corp.
|
PIC12C671 PIC12C672 PIC12C508A PIC12C509A |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto
|
Microchip
|
PIC18F022 |
8-Pin Enhanced FLASH Microcontroller with 10-bit A/D and 4096 x 8 on-chip FLASH Program Memory(8脚增强型闪速微控制器,0位A/D 096 x 8 片上闪速存储器)
|
Microchip Technology Inc.
|
2N859 2N4383 2N862 2N863 2N860 2N858 2N1257 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-18 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 800MA I(C) | TO-5 晶体管|晶体管|叩| 30V的五(巴西)总裁| 800mA的一(c)| 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 5-Pin, Multiple-Input, Programmable Reset ICs
|
Electronic Theatre Controls, Inc.
|
AY08A3-12 AY08A3-8 AY08A4-14 AY08A4-8 AY08A3 AY08A |
16-Pin Multiple Circuit Triac
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
PIC16LF627A-I/ML PIC16LF627A-I/P PIC16F627A-I/SOG |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp
|
Microchip
|